Part Number Hot Search : 
BX3024 MTE1300N SA12ARL 13192 1209D ZMU100 SA15ARL 50HK6
Product Description
Full Text Search
 

To Download 1N757DUR-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount 500 mw zener diodes scottsd a l e division 1n746ur- 1 thru 1n759aur-1 and 1n4370ur-1 thru 1n 4372aur- 1 (or mll746-1 thru mll759a-1 and mll4370-1 thru mll4372a-1) w w w . mi c r o s e m i . c o m features a p p l i c at ions / be ne fi ts ? surface mou n t equ ival ents to the jedec re gi stered 1n7 46 thru 1 n 759a a nd 1 n 4 370 thru 1 n 4 3 72a seri es ? internal meta ll urgic a l bo nd ing ? also ava ila bl e i n jan, jant x, and jant xv qua lificati ons p e r mil-pr f - 19 500/1 27 b y a d d in g the jan, jant x, or jant xv prefixes to p a rt nu mbers for desir ed lev e l of screeni ng; (e.g. jant x1n75 1 aur-1, jant xv1n7 5 8 cur-1, etc.) ? axi a l-l e a ded e quiv a le nts also avail abl e in d o -35 inclu d i ng jan, jant x, and jant xv militar y qual ified optio ns to mil-prf - 195 00/ 1 2 7 ; e.g. jant x1n75 3 a-1 (see sep a rate data she e t) ? do-7 glass body ax ial-lead ed zener equ ivalents are also av ail abl e ? reg u lates v o ltage ov er a bro ad op erati ng current and temperature r ang e ? selecti on from 2.4 to 12 v ? hermetica ll y s eal ed surfac e mount pack a g e ? standar d volta ge toler anc es are pl us/minus 5% w i th a suffix id entific ation and 1 0 % w i th no suffi x ? t i ght tolerance s avail abl e in p l us or min u s 2 % or 1% w i th c or d suffix respectively ? nons ensitiv e to esd per mil - st d-750 method 1 0 2 0 ? minima l cap a ci tance (see f i g u re 2) ? inhere n tl y r adi ation h a rd as d e scrib ed in mic r osemi micronote 050 max i mu m rat ing s mechan ic al an d pa ckagin g ? operatin g an d storage temp e r ature: -65 o c to +175 o c ? t hermal resist ance: 10 0 o c/w junction to e nd or 250 o c/w juncti on to ambi ent w h e n mount ed on f r 4 pc boar d (1 oz cu) w i t h reco mmend ed foot print (see last pag e) ? stead y-state p o w e r: 0.5 w a tts at end cap temperatur e t ec < 125 o c or 0.5 w a tts at ambi ent t a < 50 o c w h en mo unted o n f r 4 pc boar d as d e scrib ed for thermal resi stance ab ove ( a lso se e f i gur e 2) ? f o r w a r d vo ltag e @20 0 ma: 1.1 volts ? sold er t e mperatures: 260 o c for 10 s (max ) ? case: herme ticall y se ale d gl ass do-213aa (sod80 or ml l34) melf st yl e packa ge ? t e rminals: end caps tin- le ad pl ated so lde r abl e per mil-st d-750, method 20 26 ? polarit y : c a thod e in dicate d b y ban d w h e r e dio de is to be o perate d w i th th e ban de d en d positiv e w i t h resp ect to the opp osite e nd for z ener re gul ation ? marking: ca thode b a n d on l y ? t ape & reel optio n: standa rd per eia-481 -b w i th 12 mm tape, 2 000 p e r 7 inc h reel or 5 0 0 0 pe r 13 inch reel (add ?t r? suffix to part number) ? w e igh t : 0.04 grams ? see pack a g e d i mensi ons o n l a st page descripti on appeara n c e the 1 n 74 6ur-1 th ru 1 n 7 59aur-1 an d 1n4 370 ur-1 thru 1n4 3 72aur-1 seri es of 0.5 watt zene r voltage reg u lators p r ovi des a surfa c e mount equivalent to the popul ar jedec regi ste r ed 1 n 7 46 to 1n75 9a and 1n43 70 to 1n437 2a f o r 2.4 to 12 v o lts in sta nda rd 5% o r 1 0 % toleran c es a s well a s tighter tolera nce s identifie d by different suffix letters on the part numbe r. these gl ass surfa c e mo u n t do -21 3 aa zene rs h a ve intern al-m etallurgi c al - bondi ng and are also available in ja n, jantx, and ja ntxv military qualifications. micro s emi also offers n u merou s oth e r z ene r p r o duct s to meet highe r a nd lower po wer appli c atio n s . do -213 aa import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com 1n746ur- 1 ?759aur-1 1n4 3 7 0u r-1 ? 4 3 72a u r-1 m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 3 11-03- 2003 re v 0
surface mount 500 mw zener diodes scottsd a l e division 1n746ur- 1 thru 1n759aur-1 and 1n4370ur-1 thru 1n 4372aur- 1 (or mll746-1 thru mll759a-1 and mll4370-1 thru mll4372a-1) w w w . mi c r o s e m i . c o m elec tric al ch ara cteri s tic s * @ 25 o c m a xim u m rev e rse curren t i r @ v r = 1 vo lt nomin a l zener vo lt a g e v z @ i zt (no t e 2) zener test curren t i zt ma x i m u m zener imped a n ce z zt @ i zt (no t e 3) @25oc @+150oc ma x i m u m zener curren t i zm (no t e 4) typic a l temp coe ff. of zener vo lt a g e vz indust r y pa r t number (notes 1 & 5 ) vo l t s m a o h m s a a ma % / o c 1n4370u r-1 1n4371u r-1 1n4372u r-1 2.4 2.7 3.0 20 20 20 30 30 29 100 75 50 200 150 100 150 135 120 -.085 -.080 -.075 1n746ur - 1 1n747ur - 1 1n748ur - 1 3.3 3.6 3.9 20 20 20 28 24 23 10 10 10 30 30 30 110 100 95 -.066 -.058 -.046 1n749ur - 1 1n750ur - 1 1n751ur - 1 1n752ur - 1 4.3 4.7 5.1 5.6 20 20 20 20 22 19 17 11 2 2 1 1 30 30 20 20 85 75 70 65 -.033 -.015 +/-.010 +.030 1n753ur - 1 1n754ur - 1 1n755ur - 1 1n756ur - 1 6.2 6.8 7.5 8.2 20 20 20 20 7 5 6 8 .1 .1 .1 .1 20 20 20 20 60 55 50 45 +.049 +.053 +.057 +.060 1n757ur - 1 1n758ur - 1 1n759ur - 1 9.1 10.0 12.0 20 20 20 10 17 30 .1 .1 .1 20 20 20 40 35 30 +.061 +.062 +.062 * jedec reg i stere d data note 1: stand a r d tolerance on t y pes sho w n is +/- 10%. s u ffix lett er a denotes +/- 5% tolerance; su ffix letter c de n o tes +/- 2%; an d suffix letter d de notes +/- 1% tole rance. note 2: voltag e measurements to be perf o rmed 20 sec onds after application of dc test current. note 3: z ener i m pedance derive d b y supe rimposing on i zt , a 60 cps, rms ac curre nt equal to 10 % i zt (2 ma ac). see micronote 202 for t y pical zener impedance vari ation w i th diffe re nt operating cur r ents. note 4: allo w a nce has been ma de for the incre a s e in v z due to z z and for the incr ease in junction te mperatu r e as th e unit approache s thermal equ ilibrium at the pow e r dissipation of 400 mw . note 5: t hese ma y be o r de red as either 1n4370 ur-1 th ru 1n 437 2a ur-1 a nd 1n7 46ur-1 thru 1 n 7 58aur-1, or as mll4370- 1 thru m ll4372a-1 and mll746-1 t h ru m ll758a-1. for military t y pes, us e the 1n x x x u r-1 format and also include j an, jantx, or jantxv p r efix for desired s c reening le vel, e.g. jantx1n437 0ur-1, jan t xv 1n746aur -1, ja ntxv1n758 ur- 1, etc. graphs rated p o w e r dissipation - mw t ec t y pical capacita n ce in picofarads (pf) 1n746ur- 1 ?759aur-1 1n4 3 7 0u r-1 ? 4 3 72a u r-1 t a t ec end cap temp erature ( o c), o r zener voltag e v z t a ambient tem peratur e on f r 4 pc board figure 2 figure 1 capacitance vs . zener voltage power derating curve (typical) m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ?
surface mount 500 mw zener diodes m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? w w w . mi c r o s e m i . c o m scottsd a l e division 1n746ur- 1 thru 1n759aur-1 and 1n4370ur-1 thru 1n 4372aur- 1 (or mll746-1 thru mll759a-1 and mll4370-1 thru mll4372a-1) 1n746ur- 1 ?759aur-1 1n4 pac k ag e dim e n s io ns inch e s m i l l i m e t e r s dim m i n m a x m i n m a x a 0. 0 6 3 0 . 0 6 7 1. 6 0 1. 7 0 b 0. 1 3 0 0 . 1 4 6 3. 3 0 3. 7 0 c 0. 0 1 6 0 . 0 2 2 0. 4 1 0. 5 5 pad layout i n c h e s mm a . 2 0 0 5 . 0 8 b . 0 5 5 1 . 4 0 c . 0 8 0 2 . 0 3 3 7 0u r-1 ? 4 3 72a u r-1


▲Up To Search▲   

 
Price & Availability of 1N757DUR-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X